PART |
Description |
Maker |
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
ISL4260E FN6035 ISL4260EIR ISL4260EIR-T |
QFN Packaged/ 15kV ESD Protected/ 3V to 5..5V/ 150nA/ 250kbps/ RS-232 Transmitters/Receivers with Separate Logic Supply From old datasheet system RS-232 Transceiver, 3T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000) with VL
|
Intersil
|
ADM3311E ADM3307E ADM3315E ADM3310E ADM3312E |
ADM3307E/ADM3310E-12E/3315E:15 kV ESD Protected. 2.7V to 3.6V Serial Port Transceivers with Green IdleDS (Rev.F. 8/02) 2.7V Serial Port RS-232 Transceiver (5 Drivers / 3 Receivers) with 15kV ESD (TTL & RS-232) 3-V, RS-232 Serial Port Driver-Receiver 2.7 V Serial Port RS-232 Transceiver (3 Drivers / 5 Receivers) with 15kV ESD 2.7V Serial Port RS-232 Transceiver (3 Drivers / 3 Receivers) with 15kV ESD
|
Analog Devices
|
ISL4243EIRZ-T ISL4241E ISL4241EIR ISL4241EIR-T ISL |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, ±15kV ESD防护, 2.7V5.5V, 10毫微 250kbps, RS-232收发 CON BLOCK 2 ASY
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL3245EIAZ ICL3225EIAZ ICL3227ECA ICL3227ECAZA IC |
卤15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(卤15kV ESD ?叉?, 3V??5.5V, 1寰??, 1Mbps, RS-232?跺?????锋?澧?己????ㄥ?????? ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 5kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(±15kV ESD 防护, 3V5.5V, 1微安, 1Mbps, RS-232收发器,具有增强型自动关断功 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. Intersil Corporation
|
ST3241E ST3241EBD ST3241EBDR ST3241EBPR ST3241EBTR |
15KV ESD PROTECTED 3 TO 5.5 V, 400 KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 15KV ESD PROTECTED 3 TO 5.5V 400KBPS RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX3384 MAX3384E MAX3384ECAP MAX3384ECWN MAX3384EE |
DUAL LINE TRANSCEIVER, PDSO20 【15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver " ?à15kV ESD-Protected, 3.0V to 5.5V, Low-Power, Up to 250kbps, True RS-232 Transceiver" ±15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
MAX232 MAX202EC/D MAX232EC/D MAX232EESE MAX207ECWG |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 +-15kV ESD-Protected2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, UUC16 +-15KV ESD-Protceted2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, PDIP16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO24 +-15KV ESD-Protceted2B5V RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO16 15kV ESD-Protected, 5V RS-232 Transceivers
|
Infineon Technologies AG Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX3233E MAX3233ECPP MAX3233ECWP MAX3233EEPP MAX32 |
±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors 15kV ESD-Protected, 1A, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors 【15kV ESD-Protected, 1レA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|